Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS707 Datasheet (PDF) - Vectron International, Inc

TFS707 Datasheet PDF - Vectron International, Inc
Part # TFS707
Download  TFS707 Download
File Size   213.61 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Vectron International

TFS707 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS707 Datasheet PDF - Vectron International, Inc

Part # TFS707
Download  TFS707 Click to download

File Size   213.61 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Vectron International

TFS707 Datasheet (HTML) - Vectron International, Inc


TFS707 Product details

Measurement condition
    Ambient temperature: 23 °C
    Input power level: 0 dBm
    Terminating impedance:
        Input: 50 Ω
        Output: 50 Ω

Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 707,0 MHz without any tolerance or limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.




Similar Part No. - TFS707

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS704A VECTRON-TFS704A Datasheet
108Kb / 5P
Vectron International Filter specification
TFS706 VECTRON-TFS706 Datasheet
232Kb / 5P
Filter specification
TFS70AA VECTRON-TFS70AA Datasheet
95Kb / 5P
Filter specification
TFS70AC VECTRON-TFS70AC Datasheet
135Kb / 5P
Filter Specification
TFS70AC VECTRON-TFS70AC Datasheet
167Kb / 5P
Filter specification
More results


Similar Description - TFS707

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS942G VECTRON-TFS942G Datasheet
231Kb / 5P
Vectron International
TFS1950B VECTRON-TFS1950B Datasheet
218Kb / 5P
Vectron International
TFS1960 VECTRON-TFS1960_10 Datasheet
193Kb / 5P
Vectron International
TFS2595A VECTRON-TFS2595A Datasheet
227Kb / 5P
Vectron International
TFS115L VECTRON-TFS115L Datasheet
86Kb / 5P
Vectron International Filter specification
TFS165 VECTRON-TFS165 Datasheet
68Kb / 5P
Vectron International Development specification
TFS169F VECTRON-TFS169F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
Vectron International Filter specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com