Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5345SF Datasheet (PDF) - KODENSHI_AUK CORP.

2SC5345SF Datasheet PDF - KODENSHI_AUK CORP.
Part # 2SC5345SF
Download  2SC5345SF Download
File Size   313.79 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description RF amplifier

2SC5345SF Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5345SF Datasheet PDF - KODENSHI_AUK CORP.

Part # 2SC5345SF
Download  2SC5345SF Click to download

File Size   313.79 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description RF amplifier

2SC5345SF Datasheet (HTML) - KODENSHI_AUK CORP.


2SC5345SF Product details

Description
• RF amplifier
​​​​​​​
Features
• High current transition frequency
   fT=550MHz(Typ.), [VCE=6V, IE=-1mA]
• Low output capacitance :
   Cob=1.4pF(Typ.) [VCB=6V, IE=0]
• Low base time constant and high gain
• Excellent noise response




Similar Part No. - 2SC5345SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5345SF AUK-2SC5345SF Datasheet
115Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
2SC5345SF KODENSHI-2SC5345SF Datasheet
313Kb / 5P
RF amplifier
More results


Similar Description - 2SC5345SF

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com