Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT4403 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

PZT4403 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # PZT4403
Download  PZT4403 Download
File Size   930.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Epitaxial Planar Transistor

PZT4403 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT4403 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # PZT4403
Download  PZT4403 Click to download

File Size   930.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Epitaxial Planar Transistor

PZT4403 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


PZT4403 Product details

Description
The PZT4403 is designed for general purpose switching and amplifier applications.

Features
* High Power Dissipation: 1500mW at 25 °C
* High DC Current Gain: 100~300 at 150mA
* Complementary to PZT4401




Similar Part No. - PZT4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
PNP switching transistor
Rev. 02-17 January 2008
PZT4403 NXP-PZT4403 Datasheet
102Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results


Similar Description - PZT4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com