Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA94 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

PZTA94 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # PZTA94
Download  PZTA94 Download
File Size   973.74 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Epitaxial Planar Transistor

PZTA94 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZTA94 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # PZTA94
Download  PZTA94 Click to download

File Size   973.74 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Epitaxial Planar Transistor

PZTA94 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


PZTA94 Product details

Description
The PZTA94 is designed for application requires high voltage.

Features
* High Current Gain: IC=300mA at 25 °C
* High Voltage: VCEO=400V (min) at IC=1mA
* Complementary With PZTA44




Similar Part No. - PZTA94

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
PZTA94 UTC-PZTA94 Datasheet
111Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
PZTA94 HOTTECH-PZTA94 Datasheet
193Kb / 2P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZTA94 MCC-PZTA94 Datasheet
518Kb / 2P
PNP Plastic-Encapsulate Transistors
More results


Similar Description - PZTA94

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com