Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR2040 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR2040 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR2040
Download  SBR2040 Download
File Size   1236.57 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers

SBR2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR2040 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR2040
Download  SBR2040 Click to download

File Size   1236.57 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers

SBR2040 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SBR2040

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBR2040 DAESAN-SBR2040 Datasheet
330Kb / 2P
CURRENT 20.0Amperes VOLTAGE 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
SBR2040 SECOS-SBR2040 Datasheet
371Kb / 2P
VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
logo
List of Unclassifed Man...
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
Super Barrier Rectifier
logo
Diodes Incorporated
SBR2040CT DIODES-SBR2040CT Datasheet
156Kb / 5P
20A SBR짰 SUPER BARRIER RECTIFIER
Rev 7
More results


Similar Description - SBR2040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR2040 SECOS-SBR2040 Datasheet
371Kb / 2P
VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
SBR2040F SECOS-SBR2040F Datasheet
386Kb / 2P
VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060 Datasheet
389Kb / 2P
VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060F SECOS-SBR2060F Datasheet
364Kb / 2P
VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR20100F SECOS-SBR20100F Datasheet
318Kb / 2P
VOLTAGE 100V 20.0AMP Schottky Barrier Rectifiers
SBR20150F SECOS-SBR20150F Datasheet
340Kb / 2P
VOLTAGE 150V 20.0AMP Schottky Barrier Rectifiers
SBR20200F SECOS-SBR20200F Datasheet
345Kb / 2P
VOLTAGE 200V 20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
20.0AMP. Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com