Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2587 Datasheet (PDF) - Micrel Semiconductor

MIC2587 Datasheet PDF - Micrel Semiconductor
Part # MIC2587
Download  MIC2587 Download
File Size   536.15 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel, Positive High-Voltage Hot Swap Controller

MIC2587 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2587 Datasheet PDF - Micrel Semiconductor

Part # MIC2587
Download  MIC2587 Click to download

File Size   536.15 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel, Positive High-Voltage Hot Swap Controller

MIC2587 Datasheet (HTML) - Micrel Semiconductor


MIC2587 Product details

General Description
The MIC2587 and MIC2587R are single-channel positive voltage hot swap controllers designed to provide safe insertion and removal of boards for systems that require live (always-powered) backplanes. These devices use few external components and act as controllers for external N-channel power MOSFET devices to provide inrush current control and output voltage slew rate control. Overcurrent fault protection is provided via programmable analog foldback current limit circuitry equipped with a programmable overcurrent filter.

Features
• MIC2587: Pin-for-pin functional equivalent to the LT1641
• Operates from +10V to +80V with 100V ABS MAX operation
• Industrial temperature specifications at VCC = +24V and VCC = +48V
• Programmable current limit with analog foldback
• Active current regulation minimizes inrush current
• Electronic circuit breaker for overcurrent fault protection
    - Output latch off (MIC2587) or
    - Output auto-retry (MIC2587R)
• Fast responding circuit breaker (< 2µs) to short circuit loads
• Programmable input undervoltage lockout
• Fault Reporting:
    Open-drain “Power-is-Good” output for enabling DC/DC converter(s)
    - Active-HIGH: MIC2587-1/MIC2587R-1
    - Active-LOW: MIC2587-2/MIC2587R-2

Applications
• General-purpose hot board insertion
• High-voltage, high-side electronic circuit breaker
• +12V/+24V/+48V Distributed Power Systems
• +24V/+48V Industrial/Alarm Systems
• Telecom Systems
• Medical Systems




Similar Part No. - MIC2587

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587-1YM MICREL-MIC2587-1YM Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587-2YM MICREL-MIC2587-2YM Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587R MICREL-MIC2587R Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587R-1YM MICREL-MIC2587R-1YM Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
More results


Similar Description - MIC2587

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
Positive High Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
Positive High Voltage Hot Swap Controller
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
Positive High Voltage Hot Swap Controllers
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
Positive High Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com