Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1686 Datasheet (PDF) - Unisonic Technologies

P1686 Datasheet PDF - Unisonic Technologies
Part # P1686
Download  P1686 Download
File Size   180.51 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR

P1686 Datasheet (PDF)

Go To PDF Page Download Datasheet
P1686 Datasheet PDF - Unisonic Technologies

Part # P1686
Download  P1686 Click to download

File Size   180.51 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR

P1686 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - P1686

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P168-000 TRIPPLITE-P168-000 Datasheet
157Kb / 2P
Compact DisplayPort Coupler Gender Changer (F/F)
P168000 TRIPPLITE-P168000 Datasheet
480Kb / 2P
Compact DisplayPort Coupler Gender Changer (F-F)
logo
Pulse A Technitrol Comp...
P1681NLT PULSE-P1681NLT Datasheet
1Mb / 3P
SMT Power Inductors Power Beads - Volta 1 & 2 series
P1681NLT PULSE-P1681NLT Datasheet
1Mb / 3P
SMT Power Inductors
logo
Shindengen Electric Mfg...
P168FP7R5SN SHINDENGEN-P168FP7R5SN Datasheet
1Mb / 7P
Power MOSFETs 75V, 168A, N-channel
More results


Similar Description - P1686

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
3A, 21V, 600kHz Step-Down Converter
logo
Semtech Corporation
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com