Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012 Datasheet (PDF) - Unisonic Technologies

UB2012 Datasheet PDF - Unisonic Technologies
Part # UB2012
Download  UB2012 Download
File Size   320.68 Kbytes
Page   17 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE

UB2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
UB2012 Datasheet PDF - Unisonic Technologies

Part # UB2012
Download  UB2012 Click to download

File Size   320.68 Kbytes
Page   17 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE

UB2012 Datasheet (HTML) - Unisonic Technologies


UB2012 Product details

DESCRIPTION
UTC UB2012 is designed for portable electronics with lower cost. Its advantages of high-accuracy voltage/current regulation, charging status indication, temperature monitoring, and automatic charge-rate compensation.

FEATURES
* Ideal for Single 4.1V,4.2V and Dual-Cell 8.2V,8.4V Li-Ion or Li-Pol Packs
* 0.3V Dropout Voltage for Minimizing Heat Dissipation
* Better than ±1.2% Accuracy of Voltage Regulation With Preset Voltages
* Dynamic Compensation of Battery Pack’s Internal Impedance to short Charging Time
* Optional Cell-Temperature Monitoring
* Integrated Voltage and Current Regulation With Programmable Charge-Current
* Integrated Cell Conditioning for Reviving Deeply Discharged Cells and Minimizing Heat Dissipation During Initial Charge Stage
* Charge Status Output for Single or Dual Led or Host Processor Interface
* Automatic Battery-Recharge Feature
* Charge Termination by Minimum Current
* Automatic Low-Power Sleep Mode When VCC is Removed
* EVMs Available for Quick Evaluation




Similar Part No. - UB2012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012 UTC-UB2012 Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-D08-T UTC-UB2012AG-D08-T Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-S08-R UTC-UB2012AG-S08-R Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AL-D08-T UTC-UB2012AL-D08-T Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
More results


Similar Description - UB2012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Eutech Microelectronics...
EUP8057 EUTECH-EUP8057 Datasheet
563Kb / 16P
Advanced 1A Linear Charge Management Controllers
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Unisonic Technologies
UB2012 UTC-UB2012_15 Datasheet
287Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012 UTC-UB2012_17 Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
Charge and Charge Management IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com