Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB24205 Datasheet (PDF) - Unisonic Technologies

UB24205 Datasheet PDF - Unisonic Technologies
Part # UB24205
Download  UB24205 Download
File Size   171.87 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LITHIUM-ION/POLYMER BATTERY PROTECTION IC

UB24205 Datasheet (PDF)

Go To PDF Page Download Datasheet
UB24205 Datasheet PDF - Unisonic Technologies

Part # UB24205
Download  UB24205 Click to download

File Size   171.87 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LITHIUM-ION/POLYMER BATTERY PROTECTION IC

UB24205 Datasheet (HTML) - Unisonic Technologies


UB24205 Product details

DESCRIPTION
The UTC UB24205 is a lithium-ion / lithium-polymer rechargeable battery protection IC with internal MOSFETs. It incorporates high accuracy voltage detection circuits and delay circuits. The UTC UB24205 is suitable for protection of single cell lithium-ion / lithium polymer battery packs from overcharge, over discharge and over current. The small package and less required external components make it ideal to be integrated into limited space of battery pack.

FEATURES
* Wide supply voltage range: VDD=1.8V~9.0V
* Ultra-low quiescent current: IDD=3.0μA (VDD=3.9V)
* Ultra-low power-down current: IPD=0.1μA (VDD=2.0V)
* Overcharge detection voltage: VOCU=4.250V±0.050V
* Overcharge release voltage: VOCR=4.055V±0.050V
* Over discharge release voltage: VODL=2.250V±0.100V
* Over discharge detection voltage: VODR=2.850V±0.100V
* Over current detection voltage: VOI1= 0.150V±0.030V
* Short circuit detection voltage: VOI2=1.35V (Fixed)
* Charger detection voltage: VCH=-0.7V
* Reset resistance for over current
    protection: RSHORT>500kΩ
* No external MOSFETs
* Delay times are generated by an internal circuit (External capacitors are unnecessary).
* Halogen Free




Similar Part No. - UB24205

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB24205 UTC-UB24205 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205L-S08-R UTC-UB24205L-S08-R Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results


Similar Description - UB24205

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_15 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Unisonic Technologies
UB242 UTC-UB242_17 Datasheet
260Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
Lithium-ion/Polymer Battery Protection IC
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
2 lithium ion/lithium polymer battery protection IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com