Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC431L Datasheet (PDF) - Semtech Corporation

SC431L Datasheet PDF - Semtech Corporation
Part # SC431L
Download  SC431L Download
File Size   261.51 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?

SC431L Datasheet (PDF)

Go To PDF Page Download Datasheet
SC431L Datasheet PDF - Semtech Corporation

Part # SC431L
Download  SC431L Click to download

File Size   261.51 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?

SC431L Datasheet (HTML) - Semtech Corporation


SC431L Product details

Description
The SC431L is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. The output voltage can be adjusted to any value from 1.24V (VREF) to 20V with two external resistors. The SC431L has a typical dynamic output impedance of 0.05Ω. Active output circuitry provides a very sharp turn on characteristic, making the SC431L an excellent replacement for zener diodes.

Features
◆ Low voltage operation (down to 1.24V)
◆ Wide operating current range 100µA to 100mA
◆ Low dynamic output impedance 0.05 Ω typ.
◆ Trimmed bandgap design ± 0.25%
◆ Upgrade for TLV431A
◆ SOT-23-3 and SOT-23-5 packages. Also available in Lead-free package, fully WEEE and RoHS compliant

Applications
◆ Linear Regulators
◆ Adjustable Supplies
◆ Switching Power Supplies
◆ Battery Operated Computers
◆ Instrumentation
◆ Computer Disk Drives




Similar Part No. - SC431L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC431L ETC-SC431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
SC431LC5SK-.5TR SEMTECH-SC431LC5SK-.5TR Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
SC431LC5SK-1TR SEMTECH-SC431LC5SK-1TR Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
SC431LC5SK-1TRT SEMTECH-SC431LC5SK-1TRT Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
More results


Similar Description - SC431L

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431A ETC-CM431A Datasheet
416Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431L ETC1-CM431L Datasheet
354Kb / 13P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com