Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4431 Datasheet (PDF) - Semtech Corporation

SC4431 Datasheet PDF - Semtech Corporation
Part # SC4431
Download  SC4431 Download
File Size   51.32 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT

SC4431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4431 Datasheet PDF - Semtech Corporation

Part # SC4431
Download  SC4431 Click to download

File Size   51.32 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT

SC4431 Datasheet (HTML) - Semtech Corporation


SC4431 Product details

Description
The SC4431 is a four terminal device for regulating an isolated power supply with output voltages down to 1.5V.
It is intended to be used as a replacement for three terminal shunt regulators such as SC431L where the output voltage is too low for the device to function in conjunction with an opto-isolator. SC4431 achieves this by having seperate supply and output pins, allowing the output to sink current at voltages as low as 0.1V, while the supply pin still has sufficient voltage for the device to function. In this way, allowing for a 1.4V drop through an opto-isolator diode, regulation down to 1.5V out can be achieved.

Features
◆ Open Collector output drives Optoisolator with as little as 1.5V input voltage
◆ Trimmed bandgap design - initial accuracies to + 0.5%
◆ 40mA drive capability
◆ Regulates output as low as 50mV
◆ Wide supply voltage range - 1.5V to 15V
◆ Low supply current - typically 110µA
◆ Full industrial temperature range
◆ SOT-23 5 lead package

Applications
◆ Telecom Power Supplies
◆ Opto driver for very low output voltage (1.5V) isolated power supplies
◆ Battery operated applications
◆ Point of use power supplies




Similar Part No. - SC4431

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4431 SEMTECH-SC4431 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431CSK-X SEMTECH-SC4431CSK-X Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431 SEMTECH-SC4431_03 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
More results


Similar Description - SC4431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
Adjustable 0.6V Open Collector Shunt Voltage Reference
Mar-2006
logo
Honeywell Solid State E...
SDP8304 HONEYWELL-SDP8304 Datasheet
395Kb / 4P
Optoschmitt Detector Open-Collector Output
logo
Semtech Corporation
SC4431 SEMTECH-SC4431_03 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Vincotech
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
Open Emitter or Emitter Shunt
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
Open Emitter or Emitter Shunt
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
Inverter logic type (open collector output)
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
STMicroelectronics
ST1S14 STMICROELECTRONICS-ST1S14 Datasheet
2Mb / 46P
Power good open collector output
04-Mar-2013
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com