Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFC05-4 Datasheet (PDF) - Semtech Corporation

SFC05-4 Datasheet PDF - Semtech Corporation
Part # SFC05-4
Download  SFC05-4 Download
File Size   174.75 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description CSP TVS Flip Chip TVS Diode Array

SFC05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFC05-4 Datasheet PDF - Semtech Corporation

Part # SFC05-4
Download  SFC05-4 Click to download

File Size   174.75 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description CSP TVS Flip Chip TVS Diode Array

SFC05-4 Datasheet (HTML) - Semtech Corporation


SFC05-4 Product details

Description
The SFC05-4 is a quad flip chip TVS array. They are state-of-the-art devices that utilize solid-state siliconavalanche technology for superior clamping performance and DC electrical characteristics. The SFC series TVS diodes are designed to protect sensitive semiconductor components from damage or latch-up due to electrostatic discharge (ESD) and other voltage induced transient events.

Features
◆ 300 Watts peak pulse power (tp = 8/20µs)
◆ Transient protection for data lines to IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 24A (8/20µs)
◆ Small chip scale package requires less board space
◆ Low profile (< 0.65mm)
◆ No need for underfill material
◆ Protects four I/O or data lines
◆ Low clamping voltage
◆ Working voltage: 5V
◆ Solid-state silicon-avalanche technology

Applications
◆ Cell Phone Handsets and Accessories
◆ Personal Digital Assistants (PDA’s)
◆ Notebook and Hand Held Computers
◆ Portable Instrumentation
◆ Smart Cards
◆ MP3 Players
◆ GPS




Similar Part No. - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4 Datasheet
93Kb / 6P
FLIP CHIP ARRAY
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
224Kb / 8P
ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
917Kb / 10P
300w flip chip tvs array
SFC05-4-LF-T75-2 PROTEC-SFC05-4-LF-T75-2 Datasheet
93Kb / 6P
FLIP CHIP ARRAY
More results


Similar Description - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4_04 Datasheet
224Kb / 8P
ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
250w flip chip tvs array
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
250w flip chip tvs array
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
300w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
250w flip chip tvs array
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
250W FLIP CHIP TVS ARRAY
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
300W FLIP CHIP TVS ARRAY
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
250W FLIP CHIP TVS ARRAY
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com