Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05C.TC Datasheet (PDF) - Semtech Corporation

SD05C.TC Datasheet PDF - Semtech Corporation
Part # SD05C.TC
Download  SD05C.TC Download
File Size   143.97 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Single Line TVS Diode for ESD Protection in Portable Electronics?

SD05C.TC Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05C.TC Datasheet PDF - Semtech Corporation

Part # SD05C.TC
Download  SD05C.TC Click to download

File Size   143.97 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Single Line TVS Diode for ESD Protection in Portable Electronics?

SD05C.TC Datasheet (HTML) - Semtech Corporation


SD05C.TC Product details

Description
The SDxxC TVS diodes are designed to replace multilayer varistors (MLVs) in portable applications such as cell phones, notebook computers, and PDA’s. They offer superior electrical characteristics such as lower clamping voltage and no device degradation when compared to MLVs. The SDxxC series TVS diodes are designed to protect sensitive semiconductor components from damage or upset due to electrostatic discharge (ESD) and other voltage induced transient events.

Features
◆ 350 Watts peak pulse power (tp = 8/20µs)
◆ Transient protection for data lines to
   IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 24A (8/20µs)
◆ Small package for use in portable electronics
◆ Suitable replacement for MLV’s in ESD protection applications
◆ Protects one I/O or power line
◆ Low clamping voltage
◆ Working voltages: 5V, 12V, 15V, 24V
◆ Low leakage current
◆ Solid-state silicon avalanche technology

Applications
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Pagers
◆ Peripherals




Similar Part No. - SD05C.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C.TC SEMTECH-SD05C.TC Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C.TCT SEMTECH-SD05C.TCT Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Similar Description - SD05C.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05GBUSC KEC-PG05GBUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05TBUL2 KEC-PG05TBUL2 Datasheet
472Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com