Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL15 Datasheet (PDF) - Semtech Corporation

SL15 Datasheet PDF - Semtech Corporation
Part # SL15
Download  SL15 Download
File Size   167.36 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TVS Diode For High Speed Data Interfaces

SL15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL15 Datasheet PDF - Semtech Corporation

Part # SL15
Download  SL15 Click to download

File Size   167.36 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TVS Diode For High Speed Data Interfaces

SL15 Datasheet (HTML) - Semtech Corporation


SL15 Product details

Description
The SL series of TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD, lightning, and other voltage-induced transient events. They are available with operating voltages of 5V, 12V, 15V and 24V.
TVS diodes are solid-state devices designed specifically for transient suppression. They offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation. The SL series devices feature a low capacitance, fast switching compensation diode in series with a standard TVS diode. This effectively reduces the overall capacitance of the device to less than 5pF making it an integrated, low capacitance solution for use on high-speed interfaces.
The SL series devices may be used to meet the immunity requirements of IEC 61000-4-2, level 4.

Features
♦ Transient protection for high-speed data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 12A (8/20µs)
♦ Small package for use in portable electronics
♦ Two devices will protect one line
♦ Low capacitance for high-speed data lines
♦ Working voltages: 5V, 12V, 15V and 24V
♦ Solid-state silicon avalanche technology

Applications
♦ High-Speed data lines
♦ Cellular handsets AND accessories
♦ Universal Serial Bus (USB) port protection
♦ Portable instrumentation
♦ LAN/WAN equipment
♦ Peripherals




Similar Part No. - SL15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL15 MCC-SL15 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL15 MICROSEMI-SL15 Datasheet
89Kb / 2P
TVSarray Series
logo
Shenzhen Luguang Electr...
SL15 LUGUANG-SL15 Datasheet
152Kb / 2P
TVS Array Series
logo
Galaxy Semi-Conductor H...
SL15 BILIN-SL15 Datasheet
115Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SL15 CHENDA-SL15 Datasheet
194Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SL15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC08DT3 LEIDITECH-LC08DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com