Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM15 Datasheet (PDF) - Semtech Corporation

SM15 Datasheet PDF - Semtech Corporation
Part # SM15
Download  SM15 Download
File Size   171.65 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array

SM15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM15 Datasheet PDF - Semtech Corporation

Part # SM15
Download  SM15 Click to download

File Size   171.65 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array

SM15 Datasheet (HTML) - Semtech Corporation


SM15 Product details

Description
The SM series of transient voltage suppressors (TVS) are designed to protect components which are connected to data and transmission lines from voltage surges caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning.
TVS diodes are characterized by their high surge capability, low operating and clamping voltages, and fast response time. This makes them ideal for use as board level protection of sensitive semiconductor components. The dual-junction common-anode design allows the user to protect one bidirectional data line or two unidirectional lines. The low profile SOT23 package allows flexibility in the design of “crowded” circuit boards.
The SM series will meet the surge requirements of IEC 61000-4-2 (Formerly IEC 801-2), Level 4, “Human Body Model” for air and contact discharge.

Features
♦ 300 watts peak pulse power (tp = 8/20µs)
♦ Transient protection for data & power lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 12A (8/20µs)
♦ Protects one bidirectional line or two unidirectional lines
♦ Working Voltages: 5V, 12V, 15V, 24 and 36V
♦ Low clamping voltage
♦ Solid-state silicon avalanche technology

Applications
♦ Cellular Handsets and Accessories
♦ Portable Electronics
♦ Industrial Controls
♦ Set-Top Box
♦ Servers, Notebook, and Desktop PC




Similar Part No. - SM15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
TVSarray Series
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
161Kb / 7P
TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM15 MIC-SM15 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Union Semiconductor, In...
SM15 UNIONSEMI-SM15 Datasheet
134Kb / 5P
Low Capacitance Dual Line ESD Protection Diode Array
More results


Similar Description - SM15

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com