Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA12C Datasheet (PDF) - Semtech Corporation

SMDA12C Datasheet PDF - Semtech Corporation
Part # SMDA12C
Download  SMDA12C Download
File Size   167.25 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Bidirectional TVS Array for Protection of Four Lines

SMDA12C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA12C Datasheet PDF - Semtech Corporation

Part # SMDA12C
Download  SMDA12C Click to download

File Size   167.25 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Bidirectional TVS Array for Protection of Four Lines

SMDA12C Datasheet (HTML) - Semtech Corporation


SMDA12C Product details

Description
The SMDAxxC series of TVS arrays are designed to provide bidirectional protection for sensitive electronics from damage or latch-up due to ESD, lightning and other voltage-induced transient events. Each device will protect four data or I/O lines. They are available with operating voltages of 5V, 12V, 15V and 24V.

Features
◆ Transient protection for data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 12A (8/20µs)
◆ Bidirectional protection
◆ Small SO-8 package
◆ Protects four I/O lines
◆ Working voltages: 5V, 12V, 15V and 24V
◆ Low leakage current
◆ Low operating and clamping voltages
◆ Solid-state silicon avalanche technology

Applications
◆ Data and I/O Lines
◆ Microprocessor based equipment
◆ Notebooks, Desktops, and Servers
◆ Instrumentation
◆ LAN/WAN equipment
◆ Peripherals
◆ Serial and Parallel Ports




Similar Part No. - SMDA12C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA12C MCC-SMDA12C Datasheet
143Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDA12C MICROSEMI-SMDA12C Datasheet
103Kb / 2P
TVSarray Series
logo
Protek Devices
SMDA12C PROTEC-SMDA12C Datasheet
84Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMDA12C SEMTECH-SMDA12C Datasheet
167Kb / 7P
Bidirectional TVS Array for Protection of Four Lines
logo
SeCoS Halbleitertechnol...
SMDA12C SECOS-SMDA12C Datasheet
172Kb / 2P
Transient Voltage Suppressors
More results


Similar Description - SMDA12C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
Unidirectional TVS Array for Protection of Four Lines?
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
Bidirectional TVS Array for Protection of Five Lines???
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
Bidirectional TVS Array for Protection of Five Lines????
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
Bidirectional TVS Array for Protection of Four Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
Bidirectional TVS Array for Protection of Seven Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
Bidirectional TVS Array for Protection of Five Lines
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
Bidirectional TVS Array for Protection of Seven Lines
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com