Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF202 Datasheet (PDF) - Semtech Corporation

TF202 Datasheet PDF - Semtech Corporation
Part # TF202
Download  TF202 Download
File Size   164.2 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection

TF202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF202 Datasheet PDF - Semtech Corporation

Part # TF202
Download  TF202 Click to download

File Size   164.2 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection

TF202 Datasheet (HTML) - Semtech Corporation


TF202 Product details

Description
The STF202 is a combination EMI filter and line termination device with integrated TVS diodes for use on upstream USB ports. It is constructed using a proprietary technology that allows passive components and TVS diodes to be integrated in the same package. Each device will provide termination, filtering, and ESD protection for one upstream USB port. The STF202 is an easily implemented solution for meeting the requirements of revision 1.1 of the Universal Serial Bus specification.

Features
◆ Bidirectional EMI/RFI filtering and line termination with integrated ESD protection
◆ ESD protection for USB power (VBUS) and data lines (D+ and D-) to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
◆ Filtering and termination for two USB data lines
◆ Different series resistors for impedance matching
◆ Low TVS operating voltage (5.25V)
◆ Low leakage current
◆ Low capacitance
◆ Solid-state technology

Applications
◆ USB Hubs
◆ Portable electronics
◆ Cellular Handsets
◆ Modems
◆ Peripherals
◆ Servers, Desktop, Notebook, and Handheld Computers




Similar Part No. - TF202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF202 SANYO-TF202 Datasheet
32Kb / 4P
Electret Condenser Microphone Applications
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
73Kb / 2P
N-CHANNEL JFET
logo
TAITRON Components Inco...
TF202 TAITRON-TF202 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
212Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
logo
Shenzhen Tuofeng Semico...
TF2026 TUOFENG-TF2026 Datasheet
648Kb / 6P
P-Channel 16-V(D-S) MOSFET
Feb,2018 V1.0
More results


Similar Description - TF202

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
logo
KEC(Korea Electronics)
PF0224TE6 KEC-PF0224TE6 Datasheet
432Kb / 1P
EMI Filtering TVS For USB Port
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
EMI Filtering TVS For USB Port
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
For EMI Filtering and ESD Protection.
logo
Semtech Corporation
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
USB Upstream Port Filter and TVS
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
USB Upstream Port Filter and TVS
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com