Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB50A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB50A6
Download  PDMB50A6 Download
File Size   147.55 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 50 A 600 V

PDMB50A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB50A6
Download  PDMB50A6 Click to download

File Size   147.55 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 50 A 600 V

PDMB50A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDMB50A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB50A6 NIEC-PDMB50A6 Datasheet
108Kb / 3P
IGBT MODULE Dual 50A 600V
More results


Similar Description - PDMB50A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
300 A 600 V
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
600 A 600 V
logo
Renesas Technology Corp
RJH60D7ADPK RENESAS-RJH60D7ADPK Datasheet
93Kb / 8P
600 V - 50 A - IGBT Application: Inverter
RJH60M7DPQ-A0 RENESAS-RJH60M7DPQ-A0 Datasheet
59Kb / 4P
600 V - 50 A - IGBT Application: Inverter
logo
Fairchild Semiconductor
SGL50N60RUFDTU FAIRCHILD-SGL50N60RUFDTU Datasheet
494Kb / 8P
600 V, 50 A Short Circuit Rated IGBT
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
Renesas Technology Corp
RJH60F7DPQ-A0 RENESAS-RJH60F7DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 50 A - IGBT High Speed Power Switching
logo
Vishay Siliconix
VS-GT50TP60N VISHAY-VS-GT50TP60N Datasheet
1Mb / 7P
Half Bridge IGBT Power Module, 600 V, 50 A
11-Jun-15
logo
ON Semiconductor
FFH50US60S-F085 ONSEMI-FFH50US60S-F085 Datasheet
4Mb / 6P
STEALTH Diode 50 A, 600 V
March, 2020 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com