Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB100A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB100A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB100A6
Download  PDMB100A6 Download
File Size   148.06 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 100A 600V

PDMB100A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB100A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB100A6
Download  PDMB100A6 Click to download

File Size   148.06 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 100A 600V

PDMB100A6 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB100A6 Product details

IGBT 100 A 600 V




Similar Part No. - PDMB100A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB100A6 NIEC-PDMB100A6 Datasheet
110Kb / 3P
IGBT MODULE Dual 100A 600V
More results


Similar Description - PDMB100A6

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI100N-060 FUJI-7MBI100N-060 Datasheet
199Kb / 8P
IGBT(600V/100A)
7MBR100SB060 FUJI-7MBR100SB060 Datasheet
569Kb / 7P
IGBT(600V/100A)
logo
Nihon Inter Electronics...
PCHMB100A6 NIEC-PCHMB100A6_1 Datasheet
114Kb / 3P
100A 600V
PCHMB100A6A NIEC-PCHMB100A6A_1 Datasheet
126Kb / 3P
100A 600V
PRHMB100A6 NIEC-PRHMB100A6_1 Datasheet
115Kb / 3P
100A 600V
PRHMB100A6A NIEC-PRHMB100A6A_1 Datasheet
115Kb / 3P
100A 600V
logo
National Instruments Co...
PBMB100E6 NI-PBMB100E6_15 Datasheet
265Kb / 4P
100A, 600V
logo
Littelfuse
MG06100S-BN4MM LITTELFUSE-MG06100S-BN4MM Datasheet
1Mb / 5P
600V 100A IGBT Module
logo
MacMic
MMG100HB060B6EN MACMIC-MMG100HB060B6EN Datasheet
313Kb / 6P
600V 100A IGBT Module
MMG100W060XB6EN MACMIC-MMG100W060XB6EN Datasheet
434Kb / 9P
600V 100A PIM Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com