Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB200A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB200A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB200A6_1
Download  PDMB200A6 Download
File Size   156.31 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 200 A 600 V

PDMB200A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB200A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB200A6_1
Download  PDMB200A6 Click to download

File Size   156.31 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 200 A 600 V

PDMB200A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDMB200A6_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200A6 NIEC-PDMB200A6 Datasheet
108Kb / 3P
IGBT MODULE Dual 200a 600V
More results


Similar Description - PDMB200A6_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB200BS12 NIEC-PHMB200BS12 Datasheet
276Kb / 3P
IGBT 200 A 1200 V
PDMB50A6 NIEC-PDMB50A6_1 Datasheet
147Kb / 4P
50 A 600 V
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
300 A 600 V
PDMB400A6 NIEC-PDMB400A6_1 Datasheet
147Kb / 4P
400 A 600 V
PHMB300A6 NIEC-PHMB300A6_1 Datasheet
139Kb / 4P
300 A 600 V
PHMB400A6 NIEC-PHMB400A6_1 Datasheet
146Kb / 4P
400 A 600 V
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
600 A 600 V
logo
STMicroelectronics
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
10 A, 600 V fast IGBT
17-Dec-2010
logo
Eaton All Rights Reserv...
1BS104 EATON-1BS104 Datasheet
492Kb / 2P
1BS104 modular fuse block, 600 V, 600 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com