Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6136 Datasheet (PDF) - ON Semiconductor

CM6136 Datasheet PDF - ON Semiconductor
Part # CM6136
Download  CM6136 Download
File Size   138.06 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Channel Transient Voltage Suppressor

CM6136 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM6136 Datasheet PDF - ON Semiconductor

Part # CM6136
Download  CM6136 Click to download

File Size   138.06 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Channel Transient Voltage Suppressor

CM6136 Datasheet (HTML) - ON Semiconductor


CM6136 Product details

Product Description

ON Semiconductor’s CM6136 is an Application Specific Integrated Passive™ (ASIP™) component in a 2 x 2, 4ïbump, 0.4 mm pitch, CSP form factor. This device is designed for:



• Fuse

• Transient Voltage Suppression (TVS)

• Electrostatic Discharge Protection

• Electrical Overstress Protection



Features

• 4ïBump, 0.8 mm X 0.8 mm Footprint Chip Scale Package (CSP)

• These Devices are PbïFree and are RoHS Compliant



 




Similar Part No. - CM6136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
List of Unclassifed Man...
CM610026 ETC-CM610026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM610060 ETC-CM610060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM610125 ETC-CM610125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Power Analog Micoelectr...
CM610816C PAM-CM610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results


Similar Description - CM6136

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
ON Semiconductor
CM6114 ONSEMI-CM6114 Datasheet
157Kb / 4P
Single-Channel Transient Voltage Suppressor
April, 2011 ??Rev. P3
CM6116 ONSEMI-CM6116 Datasheet
163Kb / 4P
Single-Channel Transient Voltage Suppressor
March, 2011 ??Rev. 3
CM6126 ONSEMI-CM6126 Datasheet
152Kb / 4P
Single-Channel Transient Voltage Suppressor
April, 2011 ??Rev. 3
CM6110 ONSEMI-CM6110 Datasheet
132Kb / 4P
Single-Channel Transient Voltage Suppressor
May, 2011 ??Rev. 2
ESD6116 ONSEMI-ESD6116 Datasheet
135Kb / 4P
Single-Channel Transient Voltage Suppressor
February, 2012 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com