Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64L-U7E Datasheet (PDF) - Sharp Corporation

64L-U7E Datasheet PDF - Sharp Corporation
Part # 64L-U7E
Download  64L-U7E Download
File Size   353.28 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SHARP CORPORATION SPECIFICATIONS FOR LCD DISPLAY

64L-U7E Datasheet (PDF)

Go To PDF Page Download Datasheet
64L-U7E Datasheet PDF - Sharp Corporation

Part # 64L-U7E
Download  64L-U7E Click to download

File Size   353.28 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SHARP CORPORATION SPECIFICATIONS FOR LCD DISPLAY

64L-U7E Datasheet (HTML) - Sharp Corporation


64L-U7E Product details

GENERAL SPECIFICATION

1. Input signal               NTSC Video signal
                                      Analog RGB signal (Horizontal scan rate 15.734 kHz)
2. Power voltage           DC 10.5 V ~ 12.0 V
3. Power consumption  7 W at DC 12.0 V




Similar Part No. - 64L-U7E

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
64L020S-301N-B MULTICOMP-64L020S-301N-B Datasheet
231Kb / 1P
Receptacle Mini DP
07/09/12 V1.0
64L020S-331N-B MULTICOMP-64L020S-331N-B Datasheet
231Kb / 1P
Receptacle Mini DP
07/09/12 V1.0
logo
Catalyst Semiconductor
64LC20 CATALYST-64LC20 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
logo
Microchip Technology
64LC64FTEMNY MICROCHIP-64LC64FTEMNY Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
64LC64FTEMS MICROCHIP-64LC64FTEMS Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results


Similar Description - 64L-U7E

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
3L-U8E SHARP-3L-U8E Datasheet
1Mb / 36P
Audio-Visual Systems Group Sharp Corporation
logo
List of Unclassifed Man...
LQ084S1DH01 ETC-LQ084S1DH01 Datasheet
53Kb / 1P
SHARP 8.4??TFT LCD MODULE
logo
Sharp Corporation
LQ14D412 SHARP-LQ14D412 Datasheet
557Kb / 19P
TENRI LIQUID CRYSTAL DISPLAY GROUP SHARP CORPORATION SPECIFICATION
logo
Jewel Hill Electronic
GB162A JHE-GB162A Datasheet
266Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162E-001 JHE-GB162E-001 Datasheet
269Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162G JHE-GB162G Datasheet
261Kb / 23P
SPECIFICATIONS FOR LCD MODULE
logo
EPCOS
AF-11264C EPCOS-AF-11264C Datasheet
584Kb / 16P
SPECIFICATIONS FOR LCD MODULE
logo
Sharp Corporation
LQ104V1LG81 SHARP-LQ104V1LG81 Datasheet
507Kb / 22P
DISPLAY DEVICE BUSINESS GROUP SHARP CORPORATION
GW5BNF15L10 SHARP-GW5BNF15L10 Datasheet
298Kb / 13P
ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
LS012B7DD01 SHARP-LS012B7DD01 Datasheet
441Kb / 8P
The Sharp Memory LCD Suite
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com