Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSFC77GV6 Datasheet (PDF) - Sharp Corporation

BSFC77GV6 Datasheet PDF - Sharp Corporation
Part # BSFC77GV6
Download  BSFC77GV6 Download
File Size   44.61 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description BSFC-Series Single Conversion IF Output Satellite Tuner

BSFC77GV6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSFC77GV6 Datasheet PDF - Sharp Corporation

Part # BSFC77GV6
Download  BSFC77GV6 Click to download

File Size   44.61 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description BSFC-Series Single Conversion IF Output Satellite Tuner

BSFC77GV6 Datasheet (HTML) - Sharp Corporation


BSFC77GV6 Product details

New BSFC-Series tuners use SHARP’s latest technology to provide reception of either modulated analog or digital data streams. Four different tuner models with varying performance characteristics can be used as receivers for analog or digital video, and for data streams. Each tuner’s local oscillator is phase-lock loop-tuned using a 3-wire serial bus. The conversion intermediate frequency is filtered and provided on a pin at 479.5 MHz. In addition, IF ACG control is provided.

FEATURES
• First LO PLL tuning
• Low noise figure, 9 db typical (model dependent)
• 50 db typical AGC range
• RF and IF AGC provided in all models
• Conversion gain range from 20 db to 70 db, typical
• Low phase noise
• Input and output impedance: 75 Ω
• Maximum input level: -20 dBm

APPLICATIONS:
• Satellite receiver
• Data receiver
• Wide-band front end




Similar Part No. - BSFC77GV6

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
BSF APEX-ELECTRONICS-BSF Datasheet
599Kb / 4P
Subminiature Slide Switch, multiple contact arrangement
logo
Mini-Circuits
BSF-108 MINI-BSF-108 Datasheet
405Kb / 2P
Band Stop Filter
BSF-108+ MINI-BSF-108+ Datasheet
405Kb / 2P
Band Stop Filter
BSF-C100 MINI-BSF-C100 Datasheet
381Kb / 3P
Band Stop Filter
BSF-C100+ MINI-BSF-C100+ Datasheet
381Kb / 3P
Band Stop Filter
More results


Similar Description - BSFC77GV6

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
BSFR53G03 SHARP-BSFR53G03 Datasheet
67Kb / 2P
Double Conversion IF Output Satellite Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com