Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550-0207 Datasheet (PDF) - Dialight Corporation

550-0207 Datasheet PDF - Dialight Corporation
Part # 550-0207
Download  550-0207 Download
File Size   104.16 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs

550-0207 Datasheet (PDF)

Go To PDF Page Download Datasheet
550-0207 Datasheet PDF - Dialight Corporation

Part # 550-0207
Download  550-0207 Click to download

File Size   104.16 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs

550-0207 Datasheet (HTML) - Dialight Corporation


550-0207 Product details

Features
• Multiple CBIs form horizontal LED arrays on 6.35mm (0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.206 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with:
    550-xx07 Dual Block
    550-xx07-004 Quad Block




Similar Part No. - 550-0207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
83Kb / 1P
5mm LED CBI
550-0207 DIALIGHT-550-0207 Datasheet
89Kb / 11P
5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
550-0207-004 DIALIGHT-550-0207-004 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
More results


Similar Description - 550-0207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
5mm LED CBI, SO BACK HOUSING
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator 250 LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
5mm LED CBI Circuit Board Indicator Vertical, Various Heights
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
5mm LED CBI Circuit Board Indicator Top View, Single
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
LED CBI Circuit Board Indicator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com