Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC899LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC899LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC899LP4E
Download  HMC899LP4E Download
File Size   766.29 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FILTER - TUNABLE, BAND PASS SMT 18.5 - 37.0 GHz

HMC899LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC899LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC899LP4E
Download  HMC899LP4E Click to download

File Size   766.29 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FILTER - TUNABLE, BAND PASS SMT 18.5 - 37.0 GHz

HMC899LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC899LP4E Product details

General Description
The HMC899LP4E is a MMIC band pass filter which features a user selectable passband frequency. The 3 dB filter bandwidth is approximately 18%. The 20 dB filter bandwidth is approximately 35%. The center frequency can be varied between 18.5 and 37.0 GHz by applying an analog tune voltage between 0 and 14V. This tunable filter can be used as a much smaller alternative to physically large switched filter banks and cavity tuned filters. The HMC899LP4E has excellent microphonics due to the monolithic design, and provides a dynamically adjustable solution in advanced communications applications.

Features
   Fast Tuning Response
   Excellent Wideband Rejection
   Single Chip Replacement
      for Mechanically Tuned Designs
   24 Lead 4x4 mm SMT Package

Typical Applications
The HMC899LP4E is ideal for:
• Test & Measurement Equipment
• Military RADAR & EW/ECM
• SATCOM & Space
• Industrial & Medical Equipment




Similar Part No. - HMC899LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
More results


Similar Description - HMC899LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC892LP5E HITTITE-HMC892LP5E Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 4.0 - 7.7 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com