Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL551 Datasheet (PDF) - Sharp Corporation

GL551 Datasheet PDF - Sharp Corporation
Part # GL551
Download  GL551 Download
File Size   38.8 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed Infrared Emitting Diode

GL551 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL551 Datasheet PDF - Sharp Corporation

Part # GL551
Download  GL551 Click to download

File Size   38.8 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed Infrared Emitting Diode

GL551 Datasheet (HTML) - Sharp Corporation


GL551 Product details

Features
1. High speed response
    Response frequency fc : TYP. 12MHz
2. Intermediate beam angle and narrow beam angle
    GL550 half intensity angle : TYP. ± 22˚
    GL551 half intensity angle : TYP. ± 10˚
3. High output type optical output : TYP. 15mW

Applications
1. Audio equipment
2. AV equipment




Similar Part No. - GL551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5516 ETC2-GL5516 Datasheet
283Kb / 5P
Photoresistor
More results


Similar Description - GL551

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMF9700-GS08 VISHAY-VSMF9700-GS08 Datasheet
139Kb / 6P
High Speed Infrared Emitting Diode, 890 nm
03-Nov-09
TSHF6410 VISHAY-TSHF6410_11 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
High Speed Infrared Emitting Diode
03-Sep-13
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
VSMY3850 VISHAY-VSMY3850_13 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com