Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet (PDF) - ON Semiconductor

TIP50 Datasheet PDF - ON Semiconductor
Part # TIP50
Download  TIP50 Download
File Size   163.67 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Voltage NPN Silicon Power Transistors

TIP50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP50 Datasheet PDF - ON Semiconductor

Part # TIP50
Download  TIP50 Click to download

File Size   163.67 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Voltage NPN Silicon Power Transistors

TIP50 Datasheet (HTML) - ON Semiconductor


TIP50 Product details

1.0 AMPERE POWER TRANSISTORS NPN SILICON 250−300−400 VOLTS 40 WATTS

This series is designed for line operated audio output amplifier, SWITCHMODE™ power supply drivers and other switching applications.

Features
• 250 V to 400 V (Min) −VCEO(sus)
• 1 A Rated Collector Current
• Popular TO−220 Plastic Package
• These Devices are Pb−Free and are RoHS Compliant*




Similar Part No. - TIP50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP50 STMICROELECTRONICS-TIP50 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results


Similar Description - TIP50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
Jan-1999
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
High Voltage NPN Silicon Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com