Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC633 Datasheet (PDF) - Hittite Microwave Corporation

HMC633 Datasheet PDF - Hittite Microwave Corporation
Part # HMC633
Download  HMC633 Download
File Size   755.65 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description ACTIVE BIAS CONTROLLER

HMC633 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC633 Datasheet PDF - Hittite Microwave Corporation

Part # HMC633
Download  HMC633 Click to download

File Size   755.65 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description ACTIVE BIAS CONTROLLER

HMC633 Datasheet (HTML) - Hittite Microwave Corporation


HMC633 Product details

General Description
HMC981 is an active bias controller that automatically adjusts the gate voltage of an external amplifier to achieve constant bias current. It can be used to bias any enhancement and depletion type amplifiers operating in Class-A regime with Drain voltages from 4V to 12V and drain currents up to 200mA, offering a complete biasing solution.

Features
   Automatic Gate voltage adjustment (No Calibration required)
   Supply Voltage: 4V to 12V
   Digital Voltage: 3.3V to 5V
   Controls both Enhancement and Depletion type devices
   Adjustable Drain Current up to 200mA
   Sink/Source Gate Current Capability
   Optional Internal negative voltage generation that can be disabled to use external negative rail
   Fast Enable/Disable
   Trigger-out Output for Daisy Chain Power-Up and Power-Down Sequencing

Typical Applications
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optic Modulator Driver Biasing
• CATV Laser Driver Biasing
• Cellular Base Station
• Wireless Infrastructure Equipment




Similar Part No. - HMC633

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC633 HITTITE-HMC633 Datasheet
523Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
logo
Analog Devices
HMC633 AD-HMC633 Datasheet
315Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC633 AD-HMC633 Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
v02.1222
logo
Hittite Microwave Corpo...
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
More results


Similar Description - HMC633

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
Active Bias Controller
2007-05-29
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
Active Bias Controller
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com