Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT1G32 Datasheet (PDF) - Diodes Incorporated

74AHCT1G32 Datasheet PDF - Diodes Incorporated
Part # 74AHCT1G32
Download  74AHCT1G32 Download
File Size   179.68 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE OR GATE

74AHCT1G32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G32 Datasheet PDF - Diodes Incorporated

Part # 74AHCT1G32
Download  74AHCT1G32 Click to download

File Size   179.68 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE OR GATE

74AHCT1G32 Datasheet (HTML) - Diodes Incorporated


74AHCT1G32 Product details

Description
The 74AHCT1G32 is a single 2-input positive OR gate with a standard totem pole output. The device is designed for operation with a power supply range of 4.5V to 5.5V.

Features
• Supply Voltage Range from 4.5V to 5.5V
• ± 8 mA Output Drive at 5.0 V
• CMOS low power consumption
• Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for Slower Input Rise and Fall Time.
• ESD Protection per JESD 22
    o Exceeds 200-V Machine Model (A115-A)
    o Exceeds 2000-V Human Body Model (A114-A)
    o Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 100mA per JESD 78, Class II
• SOT25 and SOT353: Assembled with “Green” Molding Compound (no Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• General Purpose Logic
• Wide array of products such as:
    o PCs, networking, notebooks, netbooks, PDAs
    o Computer peripherals, hard drives, CD/DVD ROM
    o TV, DVD, DVR, set top box
    o Phones, Personal Navigation / GPS
    o MP3 players ,Cameras, Video Recorders




Similar Part No. - 74AHCT1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G32 PHILIPS-74AHCT1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
74AHCT1G32 PHILIPS-74AHCT1G32 Datasheet
74Kb / 16P
2-input OR gate
2002 Jun 05
74AHCT1G32 NXP-74AHCT1G32 Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32 Datasheet
974Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Nexperia B.V. All right...
74AHCT1G32 NEXPERIA-74AHCT1G32 Datasheet
215Kb / 11P
2-input OR gate
Rev. 10 - 11 January 2022
More results


Similar Description - 74AHCT1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74AUP1G32 DIODES-74AUP1G32 Datasheet
188Kb / 11P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32_13 Datasheet
974Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 8
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com