Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX54TA Datasheet (PDF) - Diodes Incorporated

BCX54TA Datasheet PDF - Diodes Incorporated
Part # BCX54TA
Download  BCX54TA Download
File Size   146.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89

BCX54TA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX54TA Datasheet PDF - Diodes Incorporated

Part # BCX54TA
Download  BCX54TA Click to download

File Size   146.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89

BCX54TA Datasheet (HTML) - Diodes Incorporated


BCX54TA Product details

Features
• BVCEO > 45V, 60V & 80V
• Ic = 1A Continuous Collector Current
• ICM = 2A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
• Gain Groups 10 and 16
• Epitaxial Planar Die Construction
• Complementary PNP Types: BCX51, 52, and 53
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCX54TA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCX54T NEXPERIA-BCX54T Datasheet
238Kb / 12P
45 V, 1 A PNP power bipolar transistors
Rev. 1 - 22 August 2019
BCX54T NEXPERIA-BCX54T Datasheet
239Kb / 12P
45 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
BCX54T/-10T/-16T NEXPERIA-BCX54T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
BCX54T/-10T/-16T NEXPERIA-BCX54T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
BCX54T_SER NEXPERIA-BCX54T_SER Datasheet
239Kb / 12P
45 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
More results


Similar Description - BCX54TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR40 ZETEX-BSR40 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 5
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX54_55_56 DIODES-BCX54_55_56_15 Datasheet
310Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 6
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BSR40 DIODES-BSR40 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BSR41 DIODES-BSR41 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com