Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX53TA Datasheet (PDF) - Diodes Incorporated

BCX53TA Datasheet PDF - Diodes Incorporated
Part # BCX53TA
Download  BCX53TA Download
File Size   132.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89

BCX53TA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX53TA Datasheet PDF - Diodes Incorporated

Part # BCX53TA
Download  BCX53TA Click to download

File Size   132.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89

BCX53TA Datasheet (HTML) - Diodes Incorporated


BCX53TA Product details

Features
• BVCEO > -45V, -60V & -80V
• IC = -1A Continuous Collector Current
• ICM = -2A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < -500mV @ -0.5A
• Gain Groups 10 and 16
• Complementary NPN Types: BCX54, 55 and 56
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. "Green" Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCX53TA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCX53T NEXPERIA-BCX53T Datasheet
238Kb / 12P
80 V, 1 A PNP power bipolar transistors
Rev. 1 - 22 August 2019
BCX53T NEXPERIA-BCX53T Datasheet
239Kb / 12P
80 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
BCX53T/-10T/-16T NEXPERIA-BCX53T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
BCX53T/-10T/-16T NEXPERIA-BCX53T/-10T/-16T Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
BCX53T_SER NEXPERIA-BCX53T_SER Datasheet
238Kb / 12P
80 V, 1 A PNP power bipolar transistors
Rev. 1 - 22 August 2019
More results


Similar Description - BCX53TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 5
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
PNP MEDIUM POWER TRANSISTORS IN SOT89
Rev 7
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com