Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1152S Datasheet (PDF) - International Rectifier

IR1152S Datasheet PDF - International Rectifier
Part # IR1152S
Download  IR1152S Download
File Size   298.96 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION

IR1152S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR1152S Datasheet PDF - International Rectifier

Part # IR1152S
Download  IR1152S Click to download

File Size   298.96 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION

IR1152S Datasheet (HTML) - International Rectifier


IR1152S Product details

Description
µPFC IR1152 power factor correction IC, based on IR proprietary "One Cycle Control" (OCC) technique, provides for high PF and excellent DC Bus regulation while enabling drastic reduction in component count, PCB area and design time as compared to traditional solutions. The IC is designed to operate in 85-264VAC universal input, continuous conduction mode Boost PFC at fixed 66kHz switching frequency.

Features
• PFC IC with IR proprietary “One Cycle Control”
• Continuous conduction mode boost type PFC
• Fixed 66kHz switching frequency
• Average current mode control
• Input line sensed brownout protection
• Output overvoltage protection
• Open loop protection
• Cycle by cycle peak current limit
• VCC under voltage lockout
• Programmable soft start
• Micropower startup
• User initiated micropower “Sleep Mode”
• 750mA peak gate drive
• Latch immunity and ESD protection




Similar Part No. - IR1152S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
FIXED 66kHz FREQUENCY
IR1152S IRF-IR1152S_15 Datasheet
298Kb / 20P
FIXED 66kHz FREQUENCY
More results


Similar Description - IR1152S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
PFC & PWM Control IC
logo
International Rectifier
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
PFC Converter Design with IR1150 One Cycle Control IC
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
International Rectifier
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
PFC IC with IR proprietary ?쏰ne Cycle Control
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com