Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1153S Datasheet (PDF) - International Rectifier

IR1153S Datasheet PDF - International Rectifier
Part # IR1153S
Download  IR1153S Download
File Size   386.53 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FIXED 22.2kHz FREQUENCY

IR1153S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR1153S Datasheet PDF - International Rectifier

Part # IR1153S
Download  IR1153S Click to download

File Size   386.53 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FIXED 22.2kHz FREQUENCY

IR1153S Datasheet (HTML) - International Rectifier


IR1153S Product details

Description

The μPFC IR1153 power factor correction IC, based on IR proprietary "One Cycle Control" (OCC) technique, provides for high PF, low THD and excellent DC Bus regulation while enabling drastic reduction in component count, PCB area and design time as compared to traditional solutions. The IC is designed to operate in continuous conduction mode Boost PFC converters with average current mode control at a fixed 22.2kHz switching frequency. The IR1153 features include input-line sensed brown-out protection, dedicated pin for over voltage protection, cycle by cycle peak current limit, open loop protection, VCC UVLO, soft start and micropower startup current of less than 75µA. In addition, for standby power requirements, the IC can be driven into a micropower sleep mode by pulling the OVP/EN pin low where the current consumption is less than 75uA. IR1153 is available in SO-8 package.



Features

• PFC IC with IR proprietary “One Cycle Control”

• Continuous conduction mode boost type PFC

• Fixed 22.2kHz switching frequency

• Average current mode control

• Input line sensed brownout protection

• Output overvoltage protection

• Open loop protection


• Cycle by cycle peak current limit

• VCC under voltage lockout

• Programmable soft start

• Micropower startup

• User initiated micropower “Sleep Mode”

• 750mA peak gate drive

• Latch immunity and ESD protection




Similar Part No. - IR1153S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1153S IRF-IR1153S Datasheet
386Kb / 20P
Cycle by cycle peak current limit
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
More results


Similar Description - IR1153S

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS6400A-LF ZCOMM-SFS6400A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
logo
International Rectifier
IR1152S IRF-IR1152S_15 Datasheet
298Kb / 20P
FIXED 66kHz FREQUENCY
logo
BOWEI Integrated Circui...
MPS-A BOWEI-MPS-A Datasheet
83Kb / 1P
Fixed frequency synthesizer
logo
Delta Electronics, Inc.
D12S05020-1 DELTA-D12S05020-1 Datasheet
722Kb / 12P
Fixed frequency operation
NC12S15A DELTA-NC12S15A Datasheet
1Mb / 14P
Fixed frequency operation
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
Fixed Switching Frequency
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com