Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR522EB Datasheet (PDF) - Rohm

2SAR522EB Datasheet PDF - Rohm
Part # 2SAR522EB
Download  2SAR522EB Download
File Size   172.99 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-20V,-0.2A)

2SAR522EB Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR522EB Datasheet PDF - Rohm

Part # 2SAR522EB
Download  2SAR522EB Click to download

File Size   172.99 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-20V,-0.2A)

2SAR522EB Datasheet (HTML) - Rohm




Similar Part No. - 2SAR522EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR522EB ROHM-2SAR522EB Datasheet
1Mb / 12P
PNP -200mA -20V General purpose transistor
2SAR522EB ROHM-2SAR522EB_15 Datasheet
1Mb / 12P
PNP -200mA -20V General purpose transistor
More results


Similar Description - 2SAR522EB

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
logo
Rohm
2SCR522M ROHM-2SCR522M Datasheet
172Kb / 3P
General purpose transistor(20V,0.2A)
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
logo
Rohm
2SAR522EB ROHM-2SAR522EB_15 Datasheet
1Mb / 12P
PNP -200mA -20V General purpose transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com