Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR523EB Datasheet (PDF) - Rohm

2SAR523EB Datasheet PDF - Rohm
Part # 2SAR523EB
Download  2SAR523EB Download
File Size   172.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-50V,-0.1A)

2SAR523EB Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR523EB Datasheet PDF - Rohm

Part # 2SAR523EB
Download  2SAR523EB Click to download

File Size   172.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor(-50V,-0.1A)

2SAR523EB Datasheet (HTML) - Rohm




Similar Part No. - 2SAR523EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR523EB ROHM-2SAR523EB Datasheet
2Mb / 12P
PNP -100mA -50V General Purpose Transistor
More results


Similar Description - 2SAR523EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SA1037AK ROHM-2SA1037AK_09 Datasheet
174Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K_09 Datasheet
177Kb / 4P
General purpose transistor (50V, 0.15A)
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
General purpose transistor(50V,0.1A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC1740STPR ROHM-2SC1740STPR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4617TLR ROHM-2SC4617TLR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com