Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR554R Datasheet (PDF) - Rohm

2SAR554R Datasheet PDF - Rohm
Part # 2SAR554R
Download  2SAR554R Download
File Size   334.09 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-80V / -1.5A)

2SAR554R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR554R Datasheet PDF - Rohm

Part # 2SAR554R
Download  2SAR554R Click to download

File Size   334.09 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-80V / -1.5A)

2SAR554R Datasheet (HTML) - Rohm




Similar Part No. - 2SAR554R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR554RHZG ROHM-2SAR554RHZG Datasheet
1Mb / 9P
PNP -1.5A -80V Middle Power Transistor
20190325 - Rev.001
More results


Similar Description - 2SAR554R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
Midium Power Transistors (-80V / -1.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (80V / 700mA)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
Midium Power Transistors (80V / 2.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
Midium Power Transistors (80V / 1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
Midium Power Transistors (-80V / -0.7A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
Midium Power Transistors (80V / 1.5A)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
Midium Power Transistors (80V / 2.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com