Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD5445EFV Datasheet (PDF) - Rohm

BD5445EFV Datasheet PDF - Rohm
Part # BD5445EFV
Download  BD5445EFV Download
File Size   748.86 Kbytes
Page   32 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Analog Input / Single End Output Class-D Speaker Amplifier

BD5445EFV Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5445EFV Datasheet PDF - Rohm

Part # BD5445EFV
Download  BD5445EFV Click to download

File Size   748.86 Kbytes
Page   32 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Analog Input / Single End Output Class-D Speaker Amplifier

BD5445EFV Datasheet (HTML) - Rohm


BD5445EFV Product details

●Overview

BD5445EFV is a Analog input type Class D Speaker Amplifier designed for Flat-panel TVs in particular for space-saving and low-power consumption, delivers an output power of 17W+17W. This IC employs state-of-the-art Bipolar, CMOS, and DMOS (BCD) process technology that eliminates turn-on resistance in the output power stage and internal loss due to line resistances up to an ultimate level. Withthis technology, the IC can achieve high efficiency of 91% (10W+10W output with 8Ω load).



●Features

1)   17W stereo single-ended outputs

     34W mono bridge-tied-load output

2)   Wide supply voltage (From 10V to 27V)

3)   Four selectable gain (14, 20, 26, 32dB)

4)   Master / Slave function

5)  Soft-start and Soft-mute

6)   Low noise, Low distortion

7)   Various protection functions (High temperature, Output short, Under voltage)

8)   Small power package (HTSSOP-B28)  



●Applications

Flat Panel TVs (LCD, Plasma), Home Audio, Desktop PC, Amusement equipments, Electronic Music equipments, etc.




Similar Part No. - BD5445EFV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD544 POINN-BD544 Datasheet
84Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD544 TRSYS-BD544 Datasheet
422Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD544 ISC-BD544 Datasheet
121Kb / 2P
isc Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
Silicon PNP transistor in a TO-220 Plastic Package.
More results


Similar Description - BD5445EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
Analog Input Stereo Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com