Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1A52 Datasheet (PDF) - Sharp Corporation

GP1A52 Datasheet PDF - Sharp Corporation
Part # GP1A52
Download  GP1A52 Download
File Size   82.43 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description OPIC Photointerrupter

GP1A52 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1A52 Datasheet PDF - Sharp Corporation

Part # GP1A52
Download  GP1A52 Click to download

File Size   82.43 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description OPIC Photointerrupter

GP1A52 Datasheet (HTML) - Sharp Corporation


GP1A52 Product details

■ Features
1. High sensing accuracy (Slit width : 0.5mm )
2. LSTTL and TTL compatible output
3. Both-sides mounting type : GP1A50HR (Gap: 3mm )
    Either-side mounting type : GP1A51HR (Gap: 3mm )
    PWB mounting type : GP1A52HR (Gap: 3mm ) GP1A53HR (Gap: 5mm )

■ Applications
1. OA equipment, such as printers, facsimiles,
2. VCRs etc.




Similar Part No. - GP1A52

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52 SHARP-GP1A52 Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Similar Description - GP1A52

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
OPIC Photointerrupter with Connetor
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
OPIC Photointerrupter with Connector
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
OPIC Photointerrupter
GP1A67L SHARP-GP1A67L Datasheet
54Kb / 4P
Subminiature OPIC Photointerrupter
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
OPIC Photointerrupter with Connector
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com