Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1L50 Datasheet (PDF) - Sharp Corporation

GP1L50 Datasheet PDF - Sharp Corporation
Part # GP1L50
Download  GP1L50 Download
File Size   73.64 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity Photointerrupter

GP1L50 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1L50 Datasheet PDF - Sharp Corporation

Part # GP1L50
Download  GP1L50 Click to download

File Size   73.64 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity Photointerrupter

GP1L50 Datasheet (HTML) - Sharp Corporation


GP1L50 Product details

■ Features
1. High sensing accuracy(Slit width:0.5mm )
2. High current transfer ratio ( CTR: MIN. 50% at I F= 1mA)
3. Both-sides mounting type: GP1L50 (Case height: 10mm )
    Either-side mounting type: GP1L51 (Case height: 10mm )
    PWB direct mounting type: GP1L52V (Case height: 10mm )
    PWB direct mounting type: GP1L54 (Case height: 8mm )

■ Applications
1. OA equipment, such as floppy disk drives, printers, facsimiles, etc.
2. VCRs




Similar Part No. - GP1L50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
More results


Similar Description - GP1L50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L21 SHARP-GP1L21 Datasheet
59Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
High Sensitivity Photointerrupter
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
Sharp Corporation
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
logo
Kingbright Corporation
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
KRA011 KINGBRIGHT-KRA011 Datasheet
915Kb / 4P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com