Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S39 Datasheet (PDF) - Sharp Corporation

GP1S39 Datasheet PDF - Sharp Corporation
Part # GP1S39
Download  GP1S39 Download
File Size   52.18 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Subminiature, Double-phase Output, Wide Gap Photointerrupter

GP1S39 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S39 Datasheet PDF - Sharp Corporation

Part # GP1S39
Download  GP1S39 Click to download

File Size   52.18 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Subminiature, Double-phase Output, Wide Gap Photointerrupter

GP1S39 Datasheet (HTML) - Sharp Corporation


GP1S39 Product details

■ Features
1. Ultra-compact package
2. PWB mounting type
3. Double-phase phototransistor output type for detecting of rotation direction and count
4. Wide gap between light emitter and detector: 1.5mm
5. Slit width: 0.8mm
6. Detecting pitch: 0.6mm

■ Applications
1. Mouses
2. Cameras




Similar Part No. - GP1S39

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S39J0000F SHARP-GP1S39J0000F Datasheet
151Kb / 11P
Gap : 1.5mm, Detector pitch : 1mm 2-phase Phototransistor Output, Compact Transmissive Photointerrupter
More results


Similar Description - GP1S39

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1A17 SHARP-GP1A17 Datasheet
60Kb / 4P
Wide Gap Type, OPIC Photointerrupter
GP1A57HR SHARP-GP1A57HR Datasheet
51Kb / 4P
Wide Gap Type OPIC Photointerrupter
GP1L03 SHARP-GP1L03 Datasheet
60Kb / 4P
Wide Gap Type Photointerrupter
GP1L57 SHARP-GP1L57 Datasheet
49Kb / 4P
Wide Gap Type Photointerrupter
GP1S94 SHARP-GP1S94 Datasheet
46Kb / 4P
Subminiature Wide- Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1L06 SHARP-GP1L06 Datasheet
143Kb / 4P
WIDE GAP TYPE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com