Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S51V Datasheet (PDF) - Sharp Corporation

GP1S51V Datasheet PDF - Sharp Corporation
Part # GP1S51V
Download  GP1S51V Download
File Size   76.97 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description General Purpose Photointerrupter

GP1S51V Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S51V Datasheet PDF - Sharp Corporation

Part # GP1S51V
Download  GP1S51V Click to download

File Size   76.97 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description General Purpose Photointerrupter

GP1S51V Datasheet (HTML) - Sharp Corporation


GP1S51V Product details

General Purpose Photointerrupter



■Features

1. High sensing accuracy (Slilt width : 0.5mm)

2. Both-sides mounting type : GP1S50 (Case height : 10mm)

Either-side mounting type : GP1S51V (Case height : 10mm)

PWB direct mounting type :GP1S52V (Case height : 10mm)

PWB direct mounting type :GP1S54 (Case height : 8mm)



■Applications

1. OA equipment, such as FDDs, printers, facsimiles

2. VCRs




Similar Part No. - GP1S51V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
More results


Similar Description - GP1S51V

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-392 ROHM-RPI-392 Datasheet
74Kb / 2P
Photointerrupter, General type
RPI-576N1 ROHM-RPI-576N1 Datasheet
57Kb / 2P
Photointerrupter, General type
logo
COSMO Electronics Corp...
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
Photointerrupter
logo
Rohm
RPI-579N1 ROHM-RPI-579N1 Datasheet
61Kb / 2P
Photointerrupter, General type
RPI-579 ROHM-RPI-579 Datasheet
66Kb / 2P
Photointerrupter, General type
logo
Sharp Corporation
GP1S52VJ000F SHARP-GP1S52VJ000F Datasheet
155Kb / 12P
Photointerrupter
logo
Seoul Semiconductor
SPS-8T SEOUL-SPS-8T Datasheet
38Kb / 2P
Photointerrupter
logo
Rohm
RPI-579N1E ROHM-RPI-579N1E Datasheet
79Kb / 2P
Photointerrupter, General type
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com