Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1UC10 Datasheet (PDF) - Sharp Corporation

GP1UC10 Datasheet PDF - Sharp Corporation
Part # GP1UC10
Download  GP1UC10 Download
File Size   40.15 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3V-Operating Type IR Detecting Unit for Remote Control

GP1UC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1UC10 Datasheet PDF - Sharp Corporation

Part # GP1UC10
Download  GP1UC10 Click to download

File Size   40.15 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3V-Operating Type IR Detecting Unit for Remote Control

GP1UC10 Datasheet (HTML) - Sharp Corporation


GP1UC10 Product details

Features
1. Low voltage drive type
    Supply voltage : 2.4 to 3.6V
2. Compact and surface mount type
    Mounting area : 4/5 compared with GP1U90X
3. Reflow soldering type (240˚C, for 5 seconds or less)
4.Taping reel type (φ 330 mm reel, 1500 pieces)
5. Various B.P.F. (Band Pass Frequency) frequency to meet different user needs (36.7kHz/38kHz/40kHz/56.8kHz)
■

Applications
1. Camera-integral VCRs
2. Cameras
■




Similar Part No. - GP1UC10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U10X SHARP-GP1U10X Datasheet
44Kb / 5P
Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
More results


Similar Description - GP1UC10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
IR Detecting Unit For Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
Compact IR Detecting Unit for Remote Control
GP1UX31QS SHARP-GP1UX31QS Datasheet
482Kb / 5P
Holder-less Type IR Detecting Unit for Remote Control
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com