Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A20 Datasheet (PDF) - Sharp Corporation

GP2A20 Datasheet PDF - Sharp Corporation
Part # GP2A20
Download  GP2A20 Download
File Size   46.17 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Light Modulation, Long Focal Distance Type OPIC Photointerrupter

GP2A20 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2A20 Datasheet PDF - Sharp Corporation

Part # GP2A20
Download  GP2A20 Click to download

File Size   46.17 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Light Modulation, Long Focal Distance Type OPIC Photointerrupter

GP2A20 Datasheet (HTML) - Sharp Corporation


GP2A20 Product details

■ Features
1. Light modulation type, free from external disturbing light
2. Long focal distance type
    Detecting range
    (GP2A20: 3 to 7mm )
    (GP2A22: 9 to 15mm )
3. Capable of TTL direct connection
4. With 3-pin connector provided for easier interface with peripheral control circuit

■ Applications
1. Copiers
2. Laser beam printers
3. Facsimiles




Similar Part No. - GP2A20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
Light Modulation, Reflective Type Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCSCF SHARP-GP2A200LCSCF Datasheet
151Kb / 10P
Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
More results


Similar Description - GP2A20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
GP2A11 SHARP-GP2A11 Datasheet
116Kb / 4P
LIGHT MODULATION REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com