Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID241 Datasheet (PDF) - Sharp Corporation

ID241 Datasheet PDF - Sharp Corporation
Part # ID241
Download  ID241 Download
File Size   22.88 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Flash Memory Card

ID241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ID241 Datasheet PDF - Sharp Corporation

Part # ID241
Download  ID241 Click to download

File Size   22.88 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Flash Memory Card

ID241 Datasheet (HTML) - Sharp Corporation


ID241 Product details

DESCRIPTION
The SHARP ID242 series is a Flash Memory PC Card which conforms to PCMCIA/JEIDA Type I mechanical specifications. Custom panel designs are available.

FEATURES
• Supply Voltage 5.0 V ±5% or 3.3 V ±0.3 V
• Erase Unit 64K word blocks
• Program/erase cycles, 100,000 cycles per block
• Parallel I/O interface
• External Dimensions 54.0 mm × 85.6 mm × 3.3 mm
• Conforms to PCMCIA Release 2.0 Card Use Connector
• Average Weight 30 g
• Operating Temperature Range 0°C to 60°C
• Storage Temperature Range -20°C to 65°C
• Not designed or rated radiation hardened.

APPLICATIONS:
• PDA
• Notebook PC
• POS




Similar Part No. - ID241

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID240D01 SHARP-ID240D01 Datasheet
1Mb / 36P
2MB Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
Flash Memory Card
ID243C01 SHARP-ID243C01 Datasheet
1Mb / 32P
1MB Flash Memory Card
ID243D01 SHARP-ID243D01 Datasheet
2Mb / 33P
2MB Flash Memory Card
ID243E01 SHARP-ID243E01 Datasheet
2Mb / 34P
4MB Flash Memory Card
More results


Similar Description - ID241

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID242 SHARP-ID242 Datasheet
1Mb / 33P
Flash Memory Card
ID243E01 SHARP-ID243E01 Datasheet
2Mb / 34P
4MB Flash Memory Card
ID243G01 SHARP-ID243G01 Datasheet
1Mb / 32P
8MB Flash Memory Card
ID244C01 SHARP-ID244C01 Datasheet
1Mb / 36P
1MB Flash Memory Card
ID244D01 SHARP-ID244D01 Datasheet
2Mb / 38P
2MB Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
Flash Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
flash memory card
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
flash memory card
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com