Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815-GR Datasheet (PDF) - Micro Commercial Components

2SC1815-GR Datasheet PDF - Micro Commercial Components
Part # 2SC1815-GR
Download  2SC1815-GR Download
File Size   389.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SC1815-GR Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1815-GR Datasheet PDF - Micro Commercial Components

Part # 2SC1815-GR
Download  2SC1815-GR Click to download

File Size   389.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SC1815-GR Datasheet (HTML) - Micro Commercial Components


2SC1815-GR Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• 2SC1815 is NPN Silicon Epitaxial Transistor Designed for RF, AF
   Amplifier and General Purpose Applications.
• Capable of 0.4Watts of Power Dissipation.
• Collector-current 0.15A
• Collector-base Voltage 60V
• Marking : C1815
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
   Compliant. See ordering information)
• Operating and storage junction temperature range:-55°C to +125°C




Similar Part No. - 2SC1815-GR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1815-GR MCC-2SC1815-GR Datasheet
480Kb / 3P
NPN Silicon Epitaxial Transistor
logo
Central Semiconductor C...
2SC1815-GR CENTRAL-2SC1815-GR Datasheet
305Kb / 3P
SILICON NPN TRANSISTORS
R1 10-May 2018
logo
Unisonic Technologies
2SC1815-GR-T92-B-B UTC-2SC1815-GR-T92-B-B Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-GR-T92-B-K UTC-2SC1815-GR-T92-B-K Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-GR-T92-C-B UTC-2SC1815-GR-T92-C-B Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results


Similar Description - 2SC1815-GR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com