Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC5883L Datasheet (PDF) - Honeywell Solid State Electronics Center

HMC5883L Datasheet PDF - Honeywell Solid State Electronics Center
Part # HMC5883L
Download  HMC5883L Download
File Size   421.17 Kbytes
Page   18 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 3-Axis Digital Compass IC

HMC5883L Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC5883L Datasheet PDF - Honeywell Solid State Electronics Center

Part # HMC5883L
Download  HMC5883L Click to download

File Size   421.17 Kbytes
Page   18 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 3-Axis Digital Compass IC

HMC5883L Datasheet (HTML) - Honeywell Solid State Electronics Center


HMC5883L Product details

The Honeywell  HMC5883L  is a  surface-mount,  multi-chip module  designed for low-field magnetic sensing  with a digital interface for applications  such as lowcost compassing and  magnetometry. The  HMC5883L  includes our state-of-theart,  high-resolution  HMC118X  series  magneto-resistive  sensors  plus  an  ASIC containing amplification,  automatic degaussing  strap drivers,  offset cancellation, and  a  12-bit  ADC  that  enables  1°  to  2°  compass  heading  accuracy.  The  I2C serial bus allows for easy  interface.  The HMC5883L  is  a 3.0x3.0x0.9mm surface mount  16-pin  leadless  chip  carrier  (LCC).  Applications  for  the  HMC5883L include  Mobile  Phones,  Netbooks,  Consumer  Electronics,  Auto  Navigation Systems, and Personal Navigation Devices.

1. 3-Axis Magnetoresistive Sensors and ASIC in a 3.0x3.0x0.9mm LCC Surface Mount Package

2. 12-Bit ADC Coupled with Low Noise AMR Sensors Achieves 5 milli-gauss Resolution in ±8 Gauss Fields

3. Built-In Self Test

4. Low Voltage Operations (2.16 to 3.6V) and Low Power Consumption (100 μA)

5. Built-In Strap Drive Circuits




Similar Part No. - HMC5883L

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
More results


Similar Description - HMC5883L

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
3-Axis Digital Compass Module
HMC5843 HONEYWELL-HMC5843 Datasheet
611Kb / 19P
3-Axis Digital Compass IC
HMC5983 HONEYWELL-HMC5983 Datasheet
857Kb / 28P
3-Axis Digital Compass IC
logo
Honeywell Accelerometer...
HMC5983-DEM HONEYWELL-ACC-HMC5983-DEM Datasheet
857Kb / 28P
3-Axis Digital Compass IC
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
3-axis Electronic Compass
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
3-axis Electronic Compass
logo
MagnaChip Semiconductor...
MXG2320 MGCHIP-MXG2320 Datasheet
54Kb / 1P
3-axis digital compass IC
MXG2321 MGCHIP-MXG2321 Datasheet
51Kb / 1P
3-axis digital compass IC
MXG3300 MGCHIP-MXG3300 Datasheet
64Kb / 1P
3-axis digital compass IC
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com