Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5343-O Datasheet (PDF) - Micro Commercial Components

2SC5343-O Datasheet PDF - Micro Commercial Components
Part # 2SC5343-O
Download  2SC5343-O Download
File Size   215.4 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

2SC5343-O Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5343-O Datasheet PDF - Micro Commercial Components

Part # 2SC5343-O
Download  2SC5343-O Click to download

File Size   215.4 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

2SC5343-O Datasheet (HTML) - Micro Commercial Components


2SC5343-O Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Low Collector Saturation Voltage: VCE(sat)=0.25V(Max.)
• Low Output Capacitance: Cob=2.0pF(Typ.)
• Complementary Pair With 2SA1980
• Marking : C5343
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)




Similar Part No. - 2SC5343-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC5343-O MCC-2SC5343-O Datasheet
267Kb / 2P
NPN Silicon Transistors
2SC5343-O MCC-2SC5343-O_13 Datasheet
267Kb / 2P
NPN Silicon Transistors
More results


Similar Description - 2SC5343-O

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com