Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP50-03 Datasheet (PDF) - Micro Commercial Components

BAP50-03 Datasheet PDF - Micro Commercial Components
Part # BAP50-03
Download  BAP50-03 Download
File Size   377.69 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description General Purpose Pin Diodes 200mW

BAP50-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAP50-03 Datasheet PDF - Micro Commercial Components

Part # BAP50-03
Download  BAP50-03 Click to download

File Size   377.69 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description General Purpose Pin Diodes 200mW

BAP50-03 Datasheet (HTML) - Micro Commercial Components


BAP50-03 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
    RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Low diode capacitance
• Low diode forward resistance
• MARKING: A81




Similar Part No. - BAP50-03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
General purpose PIN diode
1999 May 10
logo
Guangdong Kexin Industr...
BAP50-03 KEXIN-BAP50-03 Datasheet
57Kb / 2P
General Purpose PIN Diode
logo
NXP Semiconductors
BAP50-03 NXP-BAP50-03 Datasheet
58Kb / 7P
General purpose PIN diode
Rev. 04-11 September 2009
logo
SeCoS Halbleitertechnol...
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
Small Signal General Purpose PiN Diode
More results


Similar Description - BAP50-03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
General Purpose Pin Diodes 200mW
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
GENERAL PURPOSE PIN DIODES
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP50-03 MCC-BAP50-03_16 Datasheet
218Kb / 2P
General Purpose Pin Diodes 200mW
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
General Purpose Pin Diodes 250mW
BAP64-04W MCC-BAP64-04W_16 Datasheet
299Kb / 2P
General Purpose Pin Diodes 200mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
General Purpose Pin Diodes 250mW
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
GENERAL PURPOSE PIN DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com