Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16V Datasheet (PDF) - Micro Commercial Components

BAS16V Datasheet PDF - Micro Commercial Components
Part # BAS16V
Download  BAS16V Download
File Size   298.06 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW Switching Diodes

BAS16V Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16V Datasheet PDF - Micro Commercial Components

Part # BAS16V
Download  BAS16V Click to download

File Size   298.06 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW Switching Diodes

BAS16V Datasheet (HTML) - Micro Commercial Components


BAS16V Product details

Features
• Fast Switching Speed
• High Conductance
• Lead Free Plating
• For General Purpose Switching Applications
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS Compliant. See Ordering Information)




Similar Part No. - BAS16V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16V DIODES-BAS16V Datasheet
77Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
30447 Rev. 3 - 2
BAS16V DIODES-BAS16V Datasheet
213Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30447 Rev. 5 - 2
logo
Shenzhen Jin Yu Semicon...
BAS16V HTSEMI-BAS16V Datasheet
783Kb / 2P
SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
0.3A , 100V Plastic-Encapsulated Transistors
logo
WILLAS ELECTRONIC CORP
BAS16V WILLAS-BAS16V Datasheet
319Kb / 2P
SOT-563 Plastic-Encapsulate Diodes
More results


Similar Description - BAS16V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V_13 Datasheet
232Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com