Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH1694 Datasheet (PDF) - Sharp Corporation

LH1694 Datasheet PDF - Sharp Corporation
Part # LH1694
Download  LH1694 Download
File Size   123.88 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 256-output TFT-LCD Gate Driver IC

LH1694 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1694 Datasheet PDF - Sharp Corporation

Part # LH1694
Download  LH1694 Click to download

File Size   123.88 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 256-output TFT-LCD Gate Driver IC

LH1694 Datasheet (HTML) - Sharp Corporation


LH1694 Product details

DESCRIPTION
The LH1694 is a 256-output TFT-LCD gate driver IC.

FEATURES
• Number of LCD drive outputs : 256
• LCD drive output sequence : Output shift direction can be selected OG1/OG256 or OG256/OG1
• Enable chain connection
• Usable with both positive/negative power supplies
• Output signal masking function
• Input signal voltage : +2.7 to +3.6 V
• LCD drive voltage : +16.0 to +42.0 V
• Operating temperature : —30 to +85 ßC
• Package : 277-pin TCP (Tape Carrier Package)




Similar Part No. - LH1694

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
LH1692 SHARP-LH1692 Datasheet
116Kb / 16P
300-output TFT-LCD Gate Driver IC
More results


Similar Description - LH1694

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
256 CHANNEL TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
LH1692 SHARP-LH1692 Datasheet
116Kb / 16P
300-output TFT-LCD Gate Driver IC
logo
NEC
UPD16705 NEC-UPD16705 Datasheet
70Kb / 12P
263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
256-OUTPUT TFT GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
263/256-OUTPUT TFT-LCD GATE DRIVER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com